Part Number Hot Search : 
5933B DT1133 DS5250 H11C2 NJM25 6N120 PE9636 DS1821
Product Description
Full Text Search
 

To Download CZRL5267B-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  czrl5225b-g thru. CZRL5267B-G v oltage: 3.0 ~ 75v power dissipation: 500mw rohs device smd zener diodes qw -bz010 page 1 symbol parameter v alue unit electrical characteristics (t a=25c, unless otherwise noted) features -silicon planar power zener diodes. -for use in stabilizing and clipping circuits with higher power rating. -standard zener voltage tolerance is 5% with a "b" suf fix. mechanical data: -case: minimelf glass case (sod-80) -w eight: approx. 0.05g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) m i n i m e l f ( s o d - 8 0 ) zener current (see table "characteristics) power dissipation at t a =25c thermal resistance, junction to ambient air junction temperature storage temperature range 0.020(0.50) 0.012(0.30) 0.063(1.60) 0.055(1.40) 0.146(3.70) 0.134(3.40) p tot r ja t j t stg 500 (1) 175 -65 to +150 mw c/w c c note: v alid provided that electrodes are kept at ambient temperature. 300 (1) rev :c circuit diagram -polarity: color band denotes cathode end. c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e . -mounting position: any .
electrical characteristic (czrl5225b-g thru. CZRL5267B-G) max v f =1.25v at i f =200ma, at t a =25c unless otherwise specified. page 2 qw -bz010 smd zener diodes at izt zzt(ohm) at izk=0.25ma zzk(ohm) ir (ua) vr (v) czrl5225b-g 3 20 29 1600 -0.075 50 1 152 czrl5226b-g 3.3 20 28 1600 -0.07 25 1 138 czrl5227b-g 3.6 20 24 1700 -0.065 15 1 126 czrl5228b-g 3.9 20 23 1900 -0.06 10 1 1 15 czrl5229b-g 4.3 20 22 2000 -0.055 5 1 106 czrl5230b-g 4.7 20 19 1900 0.030 5 2 97 czrl5231b-g 5.1 20 17 1600 0.030 5 2 89 czrl5232b-g 5.6 20 1 1 1600 0.038 5 3 81 czrl5233b-g 6 20 7 1600 0.038 5 3.5 76 czrl5234b-g 6.2 20 7 1000 0.045 5 4 73 czrl5235b-g 6.8 20 5 750 0.05 3 5 67 czrl5236b-g 7.5 20 6 500 0.058 3 6 61 czrl5237b-g 8.2 20 8 500 0.062 3 6.5 55 czrl5238b-g 8.7 20 8 600 0.065 3 6.5 52 czrl5239b-g 9.1 20 10 600 0.068 3 7 50 czrl5240b-g 10 20 17 600 0.075 3 8 45 czrl5241b-g 1 1 20 22 600 0.076 2 8.4 41 czrl5242b-g 12 20 30 600 0.077 1 9.1 38 czrl5243b-g 13 9.5 13 600 0.079 0.5 9.9 35 czrl5244b-g 14 9 15 600 0.082 0.1 10 32 czrl5245b-g 15 8.5 16 600 0.082 0.1 1 1 30 czrl5246b-g 16 7.8 17 600 0.083 0.1 12 28 czrl5247b-g 17 7.4 19 600 0.084 0.1 13 27 czrl5248b-g 18 7 21 600 0.085 0.1 14 25 czrl5249b-g 19 6.6 23 600 0.086 0.1 14 24 czrl5250b-g 20 6.2 25 600 0.086 0.1 15 23 czrl5251b-g 22 5.6 29 600 0.087 0.1 17 21 czrl5252b-g 24 5.2 33 600 0.087 0.1 18 19.1 czrl5253b-g 25 5 35 600 0.089 0.1 19 18.2 czrl5254b-g 27 4.6 41 600 0.09 0.1 21 16.8 czrl5255b-g 28 4.5 44 600 0.091 0.1 21 16.2 czrl5256b-g 30 4.2 49 600 0.091 0.1 23 15.1 czrl5257b-g 33 3.8 58 700 0.092 0.1 25 13.8 czrl5258b-g 36 3.4 70 700 0.093 0.1 27 12.6 czrl5259b-g 39 3.2 80 800 0.094 0.1 30 1 1.6 czrl5260b-g 43 3 93 900 0.095 0.1 33 10.6 czrl5261b-g 47 2.7 105 1000 0.095 0.1 36 9.7 czrl5262b-g 51 2.5 125 1 100 0.096 0.1 39 8.9 czrl5263b-g 56 2.2 150 1300 0.096 0.1 43 -- czrl5264b-g 60 2.1 170 1400 0.097 0.1 46 -- czrl5265b-g 62 2 185 1400 0.097 0.1 47 -- czrl5266b-g 68 1.8 230 1600 0.097 0.1 52 -- CZRL5267B-G 75 1.7 270 1700 0.098 0.1 56 -- maximum regulator current izm (ma) (note 2.) t ypical t emperature coef ficient vz (%/c) maximum zener impedance (note 2) max reverse leakage current t ype no. nominal zener v oltage at izt vz(v) (note 3) t est current izt (ma) notes: (1) the zener impedance is derived from the 1khz ac volt age which results when an ac current having an rms value equal to 10% of the zener current (izt or izk) is superim posed on izt or izk. zener impedance is m easured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2) v alid provided that electrodes at a distance of 10mm from case are kept at ambient temperature. (3) t ested under thermal equilibrium and dc test conditions. rev :c c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
ra ting and characteristic cur ves (czrl5225b-g thru. CZRL5267B-G) page 3 qw -bz010 fig.1- admissible power dissipation vs. ambient temperature 0 p t o t , p o w e r d i s s i p a t i o n ( m w ) t a , ambient temperature, ( c ) 0 1 0 0 2 0 0 3 0 0 5 0 0 smd zener diodes 1 0 0 2 0 0 4 0 0 suggested p ad layout size (inch) 0.134 (mm) 3.40 1.30 1.70 0.051 0.067 5.10 0.201 e 1.70 0.067 b c d a a b c e d m i n i - m e l f ( s o d - 8 0 ) rev :c standard packaging c a s e t y p e 2 , 5 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k m i n i m e l f ( s o d - 8 0 ) c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
page 4 qw -bz010 rev :c smd zener diodes b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 2 . 0 ( m a x ) 3 . 9 ( m a x ) 4 . 0 0 0 . 1 0 1 . 5 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 0 2 . 0 ( m a x ) 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 8 . 0 0 0 . 3 0 1 4 . 4 m a x . 1 7 8 1 . 0 0 0 . 1 5 3 ( m a x ) 0 . 0 7 8 ( m a x ) 0 . 0 7 8 ( m a x ) 0 . 0 6 1 0 . 0 0 4 7 . 0 0 0 . 0 3 9 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 4 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 5 6 7 m a x e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 0 5 0 . 1 3 8 0 . 0 0 2 o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e . m i n i - m e l f ( s o d - 8 0 ) m i n i - m e l f ( s o d - 8 0 )


▲Up To Search▲   

 
Price & Availability of CZRL5267B-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X